PART |
Description |
Maker |
LT1587CM-1.5 LT1587-1.5 LT1587CT-1.5 LT1587CM-1.5T |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator Fixed 1.5V, 3A Low Dropout Fast Response GTL Regulator
|
LINEAR TECHNOLOGY CORP
|
AP7335 AP7335-08SNG-7 AP7335-08WG-7 AP7335-10SNG-7 |
1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO6 300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
http:// Diodes Incorporated
|
NCV5662DSADJR4G |
Low Output Voltage, Ultra−Fast 2.0 A Low Dropout Linear Regulator with Enable ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
AS2815YU-X AS2815AU-3-3 AS2815 AS2815YR-X AS2815YT |
3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO2 Analog IC 模拟IC 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output,Fast Response 1.5A Low Dropout Voltage Regulator
Adjustable & Fixed Output,
Fast Response 1.5A Low Dropout Voltage Regulator Adjustable & Fixed Output, Fast Response
|
BCD Semiconductor Manufacturing, Ltd. Sipex Corporation
|
AMS3102CM1 AMS3102AM-50 AMS3102AM-X AMS3102AL-33 A |
300mA LOW DROPOUT VOLTAGE REGULATOR 4.0V 300mA low dropout voltage regulator MB 15C 14#20 1#16 SKT RECP 300mA低压差稳压器 MB 18C 18#20 PIN RECP 300mA低压差稳压器 4-Bit Binary Full Adder with Fast Carry 16-SOIC -55 to 125 300mA低压差稳压器 300mA LOW DROPOUT VOLTAGE REGULATOR 300mA低压差稳压器 TERMINAL BLOCK 7MM HORZ 7POS PCB MB 15C 14#20 1#16 SKT PLUG MB 12C 8#20 4#16 SKT RECP MB 8C 8#16 SKT RECP MB 12C 8#20 4#16 PIN RECP MB 15C 14#20 1#16 PIN RECP 8-Input Universal Shift/Storage Register with Common Parallel I/O Pins and Asynchronous Reset 20-SOIC -55 to 125 2.5V 300mA low dropout voltage regulator 2.0V 300mA low dropout voltage regulator 5.0V 300mA low dropout voltage regulator 3.0V 300mA low dropout voltage regulator 3.3V 300mA low dropout voltage regulator
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] Advanced Monolithic Sys...
|
LT1585A LT1585ACM LT1585ACM-1.5 LT1585ACT LT1585AC |
From old datasheet system 5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR %A Low Dropout Fast Response Positive Adjustable and Fixed Voltage Regulators
|
ONSEMI[ON Semiconductor]
|
SPX2941 SPX2941T5 SPX2941U5 SPX2941T5_TR SPX2941T5 |
1A Low Dropout Voltage Regulators 1A Low Dropout Voltage Regulator Adjustable Output Fast Response 1A Low Dropout Voltage Regulator, Adjustable Output, Fast Response
|
SIPEX[Sipex Corporation]
|
SEMP8965 |
Fast Ultra High-PSRR, Low Noise, Low-Dropout
|
SeCoS Halbleitertechnologie GmbH
|
NCP508MN15TBG NCP508MN18TBG NCP508MN33TBG |
Very Low Noise, Fast Turn On, 50 mA Low Dropout Voltage Regulator
|
ON Semiconductor
|
AP133-WG-7 AP133 AP133-SN AP133-SNG-7 AP133-SN-W |
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
|
DIODES[Diodes Incorporated]
|
AP7313 AP7313-33SRG-7 AP7313-33SAG-7 AP7313-10SAG- |
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
Diodes Incorporated
|